Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8BLL-R104KLA2 Datasheet(PDF) 20 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8BLL-R104KLA2
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8BLL-R104KLA2 Datasheet(HTML) 20 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8BLL-R104KLA2 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104KLA2 Datasheet HTML 24Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
20
Rev. A2
07/08/2024
5.9 IN-BAND RESET OPERATION
The device offers an additional feature of In-Band RESET function, which uses existing SPI signals to initiate a
hardware reset, which is different from existing software reset/hardware reset (dedicated RESET# pin);
-
Existing software reset commands often depend on the device being in a particular mode before they are effective. This
makes software based reset sequences depend on slave device and mode.
-
Dedicated RESET# pin requires additional pin over traditional 8-pins of SPI device. Also it requires 1 more signal for reset
operation.
In Band-RESET operation requires 2-signal pins; CE# and SIO0.
•
CE# is driven active low to select the SPI slave
(note1)
•
Clock (CLK) remains stable in either a high or low state
….(note 2)
•
SIO0 is driven low by the b
us master, simultaneously with CE# going active low……(note 3)
•
CE# is driven inactive
… (note 4)
•
Repeat the above 4 steps, each time alternating the state of SIO0.
•
After the fourth CE# pulse, the slave triggers its intern
al reset……..(note 5)
Note 1
This powers up the SPI slave
Note 2
This prevents any confusion with a command, as no command bits are transferred (clocked)
Note 3
No SPI bus slave drives SIO0 during CE# low before a transition of clock. Slave streaming output active is not
allowed until after the first edge of clock.
Note 4
The slave captures the state of SIO0 on the rising edge of CE#
Note 5
SIO0 is low on the first CE#, high on the second, low on the third,
high on the fourth … (This provides a 5th, unlike random noise)
NOTE:
This reset sequence is not intended to be used at normal power on, but to be used only when the device is not
responding to the system. This reset sequence will be operational from any state that the device may be in. During the
reset process, the device will ignore any chip select (command). In Band-Reset function is supported by optional device
(option R) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com