Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20H100CT Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS20H100CT
Description  100 V, 20 A power Schottky rectifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100CT Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20H100CT Datasheet HTML 1Page - STMicroelectronics STPS20H100CT Datasheet HTML 2Page - STMicroelectronics STPS20H100CT Datasheet HTML 3Page - STMicroelectronics STPS20H100CT Datasheet HTML 4Page - STMicroelectronics STPS20H100CT Datasheet HTML 5Page - STMicroelectronics STPS20H100CT Datasheet HTML 6Page - STMicroelectronics STPS20H100CT Datasheet HTML 7Page - STMicroelectronics STPS20H100CT Datasheet HTML 8Page - STMicroelectronics STPS20H100CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Figure 7. Junction capacitance versus reverse voltage
applied (typical values, per diode)
1
2
5
10
20
50
100
100
200
500
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 8. Forward voltage drop versus forward current
(maximum values, per diode)
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
10.0
100.0
V
(V)
FM
T =125°C
(typical values)
j
T =25°C
j
T =125°C
j
T =150°C
(typical values)
j
Figure 9. Thermal resistance junction to ambient versus copper surface under tab (epoxy printed board
FR4, eCu = 35 µm) (D²PAK)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Rth(j-a)(°C/W)
SCu(cm²)
STPS20H100C
Characteristics (curves)
DS1216 - Rev 10
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com