Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66WVR4M8BLL-R104TLA2 Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS66WVR4M8BLL-R104TLA2
Description  1.8V/3.0V, 104MHz, Continuous Operation, SPI & QPI Protocol
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVR4M8BLL-R104TLA2 Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS66WVR4M8BLL-R104TLA2 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS66WVR4M8BLL-R104TLA2 Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
IS66/67WVR4M8ALL/BLL
Integrated Silicon Solution, Inc.- www.issi.com
17
Rev. A2
07/08/2024
5.5 QPI WRITE OPERATION
In QPI mode, either 02h or 38h command can be used for QPI write operation. It has nothing to do with
maximum frequency.
Figure 5.9 QPI Write 02h or 38h
CE#
CLK
Cmd
Write
SIO[3:0]
0
1
3
8
2
3
4
5
6
7
8
Data In 1
9
10
11
23:20
23:20
23:20
23:20
23:20
23:20
15:12
7:4
3:0
11:8
7:4
3:0
7:4
19:16
3:0
24 Bits Address
Data In 2
5.6 QPI EXIT OPERATION
This command will switch the device back into SPI mode.
Figure 5.10 QPI Mode Exit, F5h (Only available in QPI mode)
CE#
CLK
Cmd
Quad Mode
Exit
SIO[3:0]
0
1
F
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com