Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L45CFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20L45CFP
Description  Low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L45CFP Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20L45CFP Datasheet HTML 1Page - STMicroelectronics STPS20L45CFP Datasheet HTML 2Page - STMicroelectronics STPS20L45CFP Datasheet HTML 3Page - STMicroelectronics STPS20L45CFP Datasheet HTML 4Page - STMicroelectronics STPS20L45CFP Datasheet HTML 5Page - STMicroelectronics STPS20L45CFP Datasheet HTML 6Page - STMicroelectronics STPS20L45CFP Datasheet HTML 7Page - STMicroelectronics STPS20L45CFP Datasheet HTML 8Page - STMicroelectronics STPS20L45CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STPS20L45C
Characteristics
DocID8001 Rev 5
3/15
Table 4: Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
0.2
mA
Tj = 125 °C
-
65
130
VF(1)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
0.55
V
Tj = 125 °C
0.44
0.5
Tj = 25 °C
IF = 20 A
-
0.73
Tj = 125 °C
-
0.62
0.72
Notes:
(1)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.28 x IF(AV) + 0.022 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com