Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP001022 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP001022
Description  Glass Passivated 3 Phase Bridge Rectifiers Vrrm 50 Volts to 1600 Volts, 25A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP001022 Datasheet(HTML) 1 Page - Multicomp Pro

  MP001022 Datasheet HTML 1Page - Multicomp Pro MP001022 Datasheet HTML 2Page - Multicomp Pro MP001022 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
04/09/19
Glass Passivated 3 Phase Bridge Rectifiers
Vrrm 50 Volts to 1600 Volts, 25A
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Low forward voltage drop
• High current capability
• High reliability
• Case: Epoxy case with heat sink
• Polarity: Symbol marked on body
• Bolt pass through the mounting hole of body then fix to heat sink
• Mounting torque: 2 N.m
• Lead free
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol MP001014 MP001015 MP001016 MP001017 MP001018 MP001019 MP001020 MP001021 MP001022 MP001023 Unit
Max. Repetitive Peak
Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
1200
1400
1600
V
Max. RMS Voltage
Vrms
35
70
140
280
420
560
700
840
980
1120
Max. DC Blocking
Voltage
Vdc
50
100
200
400
600
800
1000
1200
1400
1600
Peak Non-Repetitive
Reverse Voltage
Vrsm
75
150
275
500
725
900
1100
1300
1500
1700
Max. Average
Forward Rectified
Current @ Tc = 55°C
I(AV)
25
A
Peak Forward Surge
Current, 8.3mS Single
Half Sine-Wave, Su-
perimposed on Rated
Load (JEDEC Method)
Ifsm
320
I2t Rating for Fusing
(t<8.3mS)
I2t
424
A2s
Peak Forward Voltage
per Diode at 12.5A DC
Vf
1.1
V
Max. DC Reverse
Current at Rated
@Tj = 25°C
Ir
5
μA
DC Blocking Voltage
per Diode
@Tj = 150°C
3
mA
RMS lsolation Voltage
from Case to Lead
VIso
2500
V
Operating Junction
Temperature Range
Tj
-55 to +150
°C
Storage Temperature
Range
Tstg
SBRG


Similar Part No. - MP001022

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
Push Button
MP0012 BULGIN-MP0012 Datasheet
1Mb / 24P
Switches
MP0012/1 BULGIN-MP0012/1 Datasheet
91Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
Push Button
MP0013 BULGIN-MP0013 Datasheet
1Mb / 24P
Switches
More results

Similar Description - MP001022

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU10A MCC-GBU10A Datasheet
142Kb / 3P
10 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU15A MCC-GBU15A Datasheet
151Kb / 3P
15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
Yea Shin Technology Co....
GBU10A YEASHIN-GBU10A Datasheet
403Kb / 2P
10 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
GBU10A MCC-GBU10A_17 Datasheet
239Kb / 3P
10 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU15A MCC-GBU15A_17 Datasheet
206Kb / 3P
15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU20005 MCC-GBU20005 Datasheet
263Kb / 3P
20 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
GBU25005 MCC-GBU25005 Datasheet
303Kb / 3P
25 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
KBJL15005G MCC-KBJL15005G Datasheet
186Kb / 2P
15 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
MB1YS MCC-MB1YS Datasheet
259Kb / 3P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 1600 Volts
1N5416GP MCC-1N5416GP Datasheet
304Kb / 3P
3 Amp Glass Passivated Rectifier 1600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com