Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM Datasheet(PDF) 2 Page - Electrolube

Part # PCM
Description  Peelable Coating Mask
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELECTROLUBE [Electrolube]
Direct Link  https://electrolube.com/
Logo ELECTROLUBE - Electrolube

PCM Datasheet(HTML) 2 Page - Electrolube

  PCM Datasheet HTML 1Page - Electrolube PCM Datasheet HTML 2Page - Electrolube  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
Directions for Use
Masking should take place between the cleaning and coating process. PCM should be applied to the area being
masked to a thickness of at least 1mm to enable easy peeling after coating. Dry at room temperature for at
least 2 hours. This can be accelerated by heating to 60°C for 30 minutes but some discolouration of copper
may occur.
Thicker films may require longer drying times. As PCM dries it darkens in colour. PCM must be fully dry before
being coated. After spray, dip or brush application with conformal coating the coating should be air-dried in
accordance with manufacturer's recommendations before PCM is removed.
When the coating is dry, peel off PCM by hand to leave the protected area or component clean and free from
coating. The conformal coating may then be heat cured if applicable.
Note:
This product contains Ammonia. It should be applied and allowed to dry in a well-ventilated area. Store
below 30°C. Please refer to MSDS for further information.
Revision 2: Oct 2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com