Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3A32 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3A32
Description  EC3A SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3A32 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3A32 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3A32 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V27
1
︳
EC3A SERIES
3 WATT 2:1 INPUT RANGE
DC-DC CONVERTERS
FEATURES
* 3W Isolated Output
* 24-Pin DIP Package
* Efficiency to 82%
* 2:1 Input Range
* Regulated Outputs
* Pi Input Filter
* Continuous Short Circuit Protection
* UL60950-1 Approval for H/HM Versions only
* Safety Meets IEC/EN/UL 62368-1
MODEL
NUMBER(1)
INPUT
VOLTAGE(2)
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT CURRENT
% EFF.(3)
CAPACITOR
LOAD MAX.
NO LOAD
FULL LOAD
EC3A01□
4.5-6 VDC
5 VDC
600 mA
15 mA
800 mA
75
2200uF
EC3A02□
4.5-6 VDC
12 VDC
250 mA
15 mA
759 mA
79
2200uF
EC3A03□
4.5-6 VDC
15 VDC
200 mA
15 mA
779 mA
77
2200uF
EC3A04□
4.5-6 VDC
±5 VDC
±300 mA
25 mA
779 mA
77
1000uF
EC3A05□
4.5-6 VDC
±12 VDC
±125 mA
25 mA
789 mA
76
1000uF
EC3A06□
4.5-6 VDC
±15 VDC
±100 mA
25 mA
800 mA
75
1000uF
EC3A07□
4.5-6 VDC
3.3 VDC
600 mA
15 mA
582 mA
68
2200uF
EC3A11□
9-18 VDC
5 VDC
600 mA
7.5 mA
325 mA
77
2200uF
EC3A12□
9-18 VDC
12 VDC
250 mA
7.5 mA
313 mA
80
2200uF
EC3A13□
9-18 VDC
15 VDC
200 mA
7.5 mA
316 mA
79
2200uF
EC3A14□
9-18 VDC
±5 VDC
±300 mA
12 mA
325 mA
77
1000uF
EC3A15□
9-18 VDC
±12 VDC
±125 mA
12 mA
325 mA
77
1000uF
EC3A16□
9-18 VDC
±15 VDC
±100 mA
12 mA
316 mA
79
1000uF
EC3A17□
9-18 VDC
3.3 VDC
600 mA
7.5 mA
229 mA
72
2200uF
EC3A21□
18-36 VDC
5 VDC
600 mA
5 mA
158 mA
79
2200uF
EC3A22□
18-36 VDC
12 VDC
250 mA
5 mA
156 mA
80
2200uF
EC3A23□
18-36 VDC
15 VDC
200 mA
5 mA
152 mA
82
2200uF
EC3A24□
18-36 VDC
±5 VDC
±300 mA
7.5 mA
162 mA
77
1000uF
EC3A25□
18-36 VDC
±12 VDC
±125 mA
7.5 mA
158 mA
79
1000uF
EC3A26□
18-36 VDC
±15 VDC
±100 mA
7.5 mA
154 mA
81
1000uF
EC3A27□
18-36 VDC
3.3 VDC
600 mA
5 mA
111 mA
74
2200uF
EC3A31□
36-72 VDC
5 VDC
600 mA
2 mA
78 mA
79
2200uF
EC3A32□
36-72 VDC
12 VDC
250 mA
2 mA
78 mA
80
2200uF
EC3A33□
36-72 VDC
15 VDC
200 mA
2 mA
78 mA
80
2200uF
EC3A34□
36-72 VDC
±5 VDC
±300 mA
3 mA
80 mA
78
1000uF
EC3A35□
36-72 VDC
±12 VDC
±125 mA
3 mA
80 mA
78
1000uF
EC3A36□
36-72 VDC
±15 VDC
±100 mA
3 mA
80 mA
78
1000uF
EC3A37□
36-72 VDC
3.3 VDC
600 mA
3 mA
57 mA
72
2200uF
NOTE:
1. □ Can be None, M, H, HM, MS or HMS.
2. Nominal Input Voltage is 5, 12, 24 or 48VDC.
3. Typical Value at Nominal Input Voltage and Full Load.
章
節
A-4
頁
次
1-1


Similar Part No. - EC3A32

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3A32 RSG-EC3A32 Datasheet
671Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC3A32 ETC2-EC3A32 Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC3A32H-E ETC2-EC3A32H-E Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC3A32M ETC2-EC3A32M Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
EC3A32MS ETC2-EC3A32MS Datasheet
183Kb / 3P
3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC3A32

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com