Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5064N Datasheet(PDF) 11 Page - STMicroelectronics

Part # ETC5064N
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ETC5064N Datasheet HTML 7Page - STMicroelectronics ETC5064N Datasheet HTML 8Page - STMicroelectronics ETC5064N Datasheet HTML 9Page - STMicroelectronics ETC5064N Datasheet HTML 10Page - STMicroelectronics ETC5064N Datasheet HTML 11Page - STMicroelectronics ETC5064N Datasheet HTML 12Page - STMicroelectronics ETC5064N Datasheet HTML 13Page - STMicroelectronics ETC5064N Datasheet HTML 14Page - STMicroelectronics ETC5064N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TRANSMISSION CHARACTERISTICS
(all devices) TA =0
°Cto 70°C (ETC5064-X/67-X: TA = –40°Cto 85°), VCC =5V ± 5%, VBB =– 5V ± 5%,
GNDA = 0V, f = 1.02kHz, VIN = 0dBm0 transmit input amplifier connected for unity–gainnon–inverting.(unless
otherwise specified).
AMPLITUDE RESPONSE
Symbo l
Parameter
Min.
T yp.
Max.
Unit
Absolute Levels - Nominal 0 dBm0 is 4 dBm (600
Ω).
0 dBm0
1.2276
Vrms
tMAX
Max Overload Level
3.14 dBm0
ETC5067
3.17 dBm0
ETC5064
2.492
2.501
VPK
GXA
Transmit Gain, Absolute (TA =25
°C, VCC = 5V, VBB = -5V)
Input at GSX = 0dBm0 at 1020Hz
-0.15
0.15
dB
GXR
Transmit Gain, Relative to GXA
f = 16Hz
f = 50Hz
f = 60Hz
f = 180Hz
f = 200Hz
f = 300Hz -3000Hz
f = 3200Hz (ETC5064-X/67-X)
f = 3300Hz
f = 3400Hz
f = 4000Hz
f = 4600Hz and up, measure response from oHz to 4000Hz
-
-
-
-2.8
-1.8
-0.15
-0.35
-0.35
-0.7
-40
-30
-26
-0.2
-0.1
0.15
0.20
0.05
0
-14
-32
dB
GXAT
Absolute Transmit Gain Variation with Temperature
TA =0
°C to +70°C
TA = –40
°C to +85°C (ETC5064-X/67-X)
-0.1
-0.15
0.1
0.15
dB
GXAV
Absolute Transmit Gain Variation with Supply Voltage
(VCC =5V
±5%, VBB = -5V ±5%)
-0.05
0.05
dB
GXRL
Transmit Gain Variation with Level
Sinusolidal Test Method Reference Level = -10dBm0
VFXI
+ = -40dBm0 to +3dBm0
VFXI
+ = -50dBm0 to -40dBm0
VFXI
+ = -55dBm0 to -50dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
GRA
Receive Gain, Absolute (TA =25
°C, VCC = 5V, VBB = -5V)
Input = Digital Code Sequence for 0dBm0 Signal at 1020Hz
-0.15
0.15
dB
GRR
Receive Gain, Relative to GRA
f = 0Hz to 3000Hz
f = 3200Hz (ETC5064-X/67-X)
f = 3300Hz
f = 3400Hz
f = 4000Hz
-0.15
-0.35
-0.35
-0.7
0.15
0.20
0.05
0
-14
dB
GRAT
Absolute Receive Gain Variation with Temeperature
TA =0
°C to +70°C
TA = –40
°C to +85°C (ETC5064-X/67-X)
-0.1
-0.15
0.1
0.15
dB
GRAV
Absolute Receive Gain Variation with Supply Voltage
(VCC =5V
±5%, VBB = -5V ±5%)
-0.05
0.05
dB
GRRL
Receive Gain Variation with Level
Sinusoidal Test Method; Reference Input PCM code
corresponds to an ideally encoded -10dBm0 signal
PCM level = -40dBm0 to +3dBm0
PCM level = -50dBm0 to -40dBm0
PCM level = -55dBm0 to -50dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
VRO
Receive Filter Output at VFRORL = 10K
Ω
-2.5
2.5
V
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
11/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com