Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3125 Datasheet(PDF) 12 Page - Texas Instruments

Part # REF3125
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3125 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3125 Datasheet HTML 8Page - Texas Instruments REF3125 Datasheet HTML 9Page - Texas Instruments REF3125 Datasheet HTML 10Page - Texas Instruments REF3125 Datasheet HTML 11Page - Texas Instruments REF3125 Datasheet HTML 12Page - Texas Instruments REF3125 Datasheet HTML 13Page - Texas Instruments REF3125 Datasheet HTML 14Page - Texas Instruments REF3125 Datasheet HTML 15Page - Texas Instruments REF3125 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Output Pin
Meter
V
OUT
+
-
Sense Line
Force Line
Load
I
L
Contact and
Trace Resistance
20
0
-20
-40
-60
-80
-100
-120
0
100
200
300 400
500
600
700
800 900 1000
Time (Hrs)
12
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Long-Term Stability
Long-term stability refers to the change of the output voltage of a reference over a period of months or years.
This effect lessens as time progresses, as is shown by the long-term stability curves. The typical drift value for
the REF31xx is 70 ppm from 0 to 1000 hours. This parameter is characterized by measuring 30 units at regular
intervals for a period of 1000 hours.
Figure 22. REF3112 Long-Term Stability
8.3.6 Load Regulation
Load regulation is defined as the change in output voltage due to changes in load current. The load regulation of
the REF31xx is measured using force and sense contacts as pictured in Figure 23. The force and sense lines
reduce the impact of contact and trace resistance, resulting in accurate measurement of the load regulation
contributed solely by the REF31xx. For applications requiring improved load regulation, force and sense lines
must be used.
Figure 23. Accurate Load Regulation of REF31xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com