Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF6133 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF6133
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6133 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF6133 Datasheet HTML 7Page - Texas Instruments REF6133 Datasheet HTML 8Page - Texas Instruments REF6133 Datasheet HTML 9Page - Texas Instruments REF6133 Datasheet HTML 10Page - Texas Instruments REF6133 Datasheet HTML 11Page - Texas Instruments REF6133 Datasheet HTML 12Page - Texas Instruments REF6133 Datasheet HTML 13Page - Texas Instruments REF6133 Datasheet HTML 14Page - Texas Instruments REF6133 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C033
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C034
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C031
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C032
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C038
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C030
11
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
www.ti.com
SBOS747B – MAY 2016 – REVISED AUGUST 2016
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6125 (unless otherwise noted)
REF6150 driving REF pin of ADS8881,
fIN = 10 kHz, SNR = 99.2 dB, THD = –119.4 dB
Figure 25. Typical FFT Plot
REF6141 driving REF pin of ADS8881,
fIN = 1 kHz, SNR = 99 dB, THD = –124.4 dB
Figure 26. Typical FFT Plot
REF6141 driving REF pin of ADS8881,
fIN = 2 kHz, SNR = 99 dB, THD = –123.6 dB
Figure 27. Typical FFT Plot
REF6141 driving REF pin of ADS8881,
fIN = 10 kHz, SNR = 97.2 dB, THD = –119.7 dB
Figure 28. Typical FFT Plot
REF6125 driving REF pin of ADS8881,
fIN = 1 kHz, SNR = 95.4 dB, THD = –124 dB
Figure 29. Typical FFT Plot
REF6125 driving REF pin of ADS8881,
fIN = 2 kHz, SNR = 95.4 dB, THD = –123.5 dB
Figure 30. Typical FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com