Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 12 Page - Texas Instruments

Part # REG710
Description  REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REG710 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments REG710 Datasheet HTML 13Page - Texas Instruments REG710 Datasheet HTML 14Page - Texas Instruments REG710 Datasheet HTML 15Page - Texas Instruments REG710 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
V
(V)
IN
90
80
70
60
50
40
30
20
10
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.0
REG710-2.7
C
=2.2 F
m
OUT
REG710-2.7
C
=10 F
m
OUT
REG710-3.3
C
=2.2 F
m
OUT
REG710-3.3
C
=10 F
m
OUT
20mV/div
C
OUT =2.2mF
C
=10 F,C
m
OUT
PUMP =1 F
m
20mV/div
Time(5ms/div)
BW=20MHz
REG710-3.3V
V
=2.4V
IN
R
L =332W
20mV/div
V
OUT
I
LOAD
10mA/div
Time(10 s/div)
m
BW=20MHz
2V/div
3.5V
4.5V
V
IN
V
OUT
50mV/div
Time(50 s/div)
m
BW=20MHz
BoostMode
BuckMode
REG710-3.3V
R =1
W
L
10
LoadCurrent(mA)
80
75
70
65
60
55
50
45
40
35
30
1
10
100
0.1
V
=V
IN
OUT
V
=1.8V
IN
V
=2.2V
IN
LoadCurrent(mA)
80
75
70
65
60
55
50
45
40
35
30
1
10
100
0.1
V
=V
IN
OUT
V
IN =1.8V
V
=2.2V
IN
REG71050, REG71055, REG710
SBAS221H – DECEMBER 2001 – REVISED OCTOBER 2015
www.ti.com
REG710-2.7V
REG710-2.5
Figure 12. Efficiency vs Load Current
Figure 13. Efficiency vs Load Current
Figure 14. Load Transient Response
Figure 15. Line Transient Response
REG710-2.7V
REG710-3.3V
Figure 16. Output Ripple Voltage
Figure 17. Output Ripple Voltage vs VIN
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: REG71050 REG71055 REG710



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com