Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS252 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS252
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS252 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS252 Datasheet HTML 1Page - Integrated Device Technology ICS252 Datasheet HTML 2Page - Integrated Device Technology ICS252 Datasheet HTML 3Page - Integrated Device Technology ICS252 Datasheet HTML 4Page - Integrated Device Technology ICS252 Datasheet HTML 5Page - Integrated Device Technology ICS252 Datasheet HTML 6Page - Integrated Device Technology ICS252 Datasheet HTML 7Page - Integrated Device Technology ICS252 Datasheet HTML 8Page - Integrated Device Technology ICS252 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ICS252
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 2
ICS252
REV E 082007
Pin Assignment
8-pin (150 mil) SOIC
Output Clock Selection Table
Pin Descriptions
External Components
The ICS252 requires a minimum number of external
components for proper operation.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a commonly
used trace impedance), place a 33
Ω resistor in series with
the clock line, as close to the clock output pin as possible.
The nominal impedance of the clock output is 20
Ω.
Decoupling Capacitor
As with any high-performance mixed-signal IC, the ICS252
must be isolated from system power supply noise to perform
optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the PCB ground plane.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to ground.
These capacitors are used to adjust the stray capacitance
of the board to match the nominally required crystal load
capacitance. Because load capacitance can only be
increased in this trimming process, it is important to keep
stray capacitance to a minimum by using very short PCB
traces (and no vias) been the crystal and device. Crystal
capacitors must be connected from each of the pins X1 and
X2 to ground.
The value (in pF) of these crystal caps should equal (CL -6
pF)*2. In this equation, CL= crystal load capacitance in pF.
Example: For a crystal with a 16 pF load capacitance, each
crystal capacitor would be 20 pF [(16-6) x 2 = 20].
PCB Layout Recommendations
For optimum device performance and lowest output phase
X 1 /IC L K
VD D
G N D
SEL
CL K 2
CL K 1
X2
1
2
3
4
8
7
6
5
PD T S
SEL
CLK1 (MHz)
CLK2 (MHz)
Spread
Percentage
0
User
Configurable
User
Configurable
User
Configurable
1User
Configurable
User
Configurable
User
Configurable
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
SEL
Input
Select pin for frequency selection on CLK1 and CLK2. Internal pull-up resistor.
2
VDD
Power
Connect to +3.3 V.
3
X1/ICLK
XI
Connect this pin to a crystal or external clock input.
4
X2
XO
Connect this pin to a crystal, or float for clock input.
5
CLK1
Output
Clock1 output. Weak internal pull-down, low when power down.
6
CLK2
Output
Clock2 output. Weak internal pull-down, low when power down.
7
GND
Power
Connect this to ground.
8PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. No internal pull-up
resistor. The pin must be tied either directly or through the external resistor to
VDD ro GND. External resistor value must be less than 15kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com