Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS252PM Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS252PM
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS252PM Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS252PM Datasheet HTML 1Page - Integrated Device Technology ICS252PM Datasheet HTML 2Page - Integrated Device Technology ICS252PM Datasheet HTML 3Page - Integrated Device Technology ICS252PM Datasheet HTML 4Page - Integrated Device Technology ICS252PM Datasheet HTML 5Page - Integrated Device Technology ICS252PM Datasheet HTML 6Page - Integrated Device Technology ICS252PM Datasheet HTML 7Page - Integrated Device Technology ICS252PM Datasheet HTML 8Page - Integrated Device Technology ICS252PM Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ICS252
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 5
ICS252
REV E 082007
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Example with 25 MHz crystal input with output of 33.3 MHz, no load, and VDD = 3.3 V.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.3
3.465
V
Operating Supply Current
Input High Voltage
IDD
Configuration Dependent
- See VersaClockTM
mA
Two 33.3333 MHz output,
PDTS = 1, no load
Note 1
16
mA
PDTS = 0
500
µA
Input High Voltage
VIH
SEL
VDD/2+1
V
Input Low Voltage
VIL
SEL
0.4
V
Input High Voltage, PDTS
VIH
VDD-0.5
V
Input Low Voltage, PDTS
VIL
0.4
V
Input High Voltage
VIH
ICLK
VDD/2+1
V
Input Low Voltage
VIL
ICLK
VDD/2-1
V
Output High Voltage
(CMOS High)
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -8 mA (Low Drive);
IOH = -12 mA (High Drive)
2.4
VDD-0.4
V
Output Low Voltage
VOL
IOL = 8 mA (Low Drive);
IOL = 12 mA (High Drive)
0.4
V
Short Circuit Current
IOS
±70
mA
Nominal Output
Impedance
ZO
20
Ω
Internal Pull-up Resistor
RPUP
SEL
120
k
Ω
Internal Pull-down
Resistor
RPD
Clock outputs CLK1 and
CLK2
120
k
Ω
Input Capacitance
CIN
inputs
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com