Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L950DPGET.B Datasheet(PDF) 60 Page - Texas Instruments

Part # RM48L950DPGET.B
Description  RM48Lx50 16- and 32-Bit RISC Flash Microcontroller
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RM48L950DPGET.B Datasheet(HTML) 60 Page - Texas Instruments

Back Button RM48L950DPGET.B Datasheet HTML 56Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 57Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 58Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 59Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 60Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 61Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 62Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 63Page - Texas Instruments RM48L950DPGET.B Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 182 page
background image
RM48L950, RM48L750, RM48L550
SPNS174C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
6.5
ARM Cortex-R4F CPU Information
6.5.1
Summary of ARM Cortex-R4F CPU Features
The features of the ARM Cortex-R4F CPU include:
•
An integer unit with integral EmbeddedICE-RT logic.
•
High-speed Advanced Microprocessor Bus Architecture (AMBA) Advanced eXtensible Interfaces (AXI)
for Level two (L2) master and slave interfaces.
•
Floating Point Coprocessor
•
Dynamic branch prediction with a global history buffer, and a 4-entry return stack
•
Low interrupt latency.
•
Nonmaskable interrupt.
•
A Harvard Level one (L1) memory system with:
–
Tightly Coupled Memory (TCM) interfaces with support for error correction or parity checking
memories
–
ARMv7-R architecture Memory Protection Unit (MPU) with 12 regions
•
Dual core logic for fault detection in safety-critical applications.
•
An L2 memory interface:
–
Single 64-bit master AXI interface
–
64-bit slave AXI interface to TCM RAM blocks
•
A debug interface to a CoreSight Debug Access Port (DAP).
•
Six Hardware Breakpoints
•
Two Watchpoints
•
A trace interface to a CoreSight ETM-R4.
•
A Performance Monitoring Unit (PMU).
•
A Vectored Interrupt Controller (VIC) port.
For more information on the ARM Cortex-R4F CPU see www.arm.com.
6.5.2
ARM Cortex-R4F CPU Features Enabled by Software
The following CPU features are disabled on reset and must be enabled by the application if required.
•
ECC On TCM Accesses
•
Hardware VIC Port
•
Floating Point Coprocessor
•
MPU
6.5.3
Dual Core Implementation
The device has two Cortex-R4F cores, where the output signals of both CPUs are compared in the CCM-
R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed by two
clock cycles as shown in Figure 6-3.
The CPUs have a diverse CPU placement given by following requirements:
•
different orientation; for example, CPU1 = "north" orientation, CPU2 = "flip west" orientation
•
dedicated guard ring for each CPU
60
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com