Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC00 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AC00
Description  SNx4AC00 Quadruple 2-Input Positive-NAND Gates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC00 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AC00 Datasheet HTML 1Page - Texas Instruments SN74AC00 Datasheet HTML 2Page - Texas Instruments SN74AC00 Datasheet HTML 3Page - Texas Instruments SN74AC00 Datasheet HTML 4Page - Texas Instruments SN74AC00 Datasheet HTML 5Page - Texas Instruments SN74AC00 Datasheet HTML 6Page - Texas Instruments SN74AC00 Datasheet HTML 7Page - Texas Instruments SN74AC00 Datasheet HTML 8Page - Texas Instruments SN74AC00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3 Pin Configuration and Functions
Figure 3-1. SN54AC00 J or W Package; SN74AC00 D, N, NS, or PW Package (Top View)
Figure 3-2. SN54AC00 FK Package (Top View)
1B
1Y
2A
2B
2Y
GND
4B
4A
4Y
3B
3A
3Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-3. SN74AC00 BQA Package, 14-Pin WQFN (Top View)
PIN
TYPE1
DESCRIPTION
NO.
NAME
1
1A
I
1A Input
2
1B
I
1B Input
3
1Y
O
1Y Output
4
2A
I
2A Input
5
2B
I
2B Input
6
2Y
O
2Y Output
7
GND
–
GND
8
3Y
O
3Y Output
www.ti.com
SN54AC00, SN74AC00
SCAS524G – AUGUST 1995 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54AC00 SN74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com