Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5010AID Datasheet(PDF) 4 Page - Texas Instruments

Part # REF5010AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5010AID Datasheet(HTML) 4 Page - Texas Instruments

  REF5010AID Datasheet HTML 1Page - Texas Instruments REF5010AID Datasheet HTML 2Page - Texas Instruments REF5010AID Datasheet HTML 3Page - Texas Instruments REF5010AID Datasheet HTML 4Page - Texas Instruments REF5010AID Datasheet HTML 5Page - Texas Instruments REF5010AID Datasheet HTML 6Page - Texas Instruments REF5010AID Datasheet HTML 7Page - Texas Instruments REF5010AID Datasheet HTML 8Page - Texas Instruments REF5010AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
5 Pin Configuration and Functions
V
OUT
DNC
V
IN
TEMP
GND
DNC
1
2
3
6
5
4
TRIM/NR
NC
7
8
Not to scale
Figure 5-1. REF50xxAI, REF50xxI
8-Pin SOIC, VSSOP
Top View
V
OUT
DNC
V
IN
TEMP
GND
EN
1
2
3
6
5
4
NR
NC
7
8
Not to scale
Figure 5-2. REF50xxEI
8-Pin SOIC
Top View
Table 5-1. Pin Functions
PIN
DESCRIPTION
NAME
REF50xxI, REF50xxAI
REF50xxEI
DNC
1, 8
8
Do not connect
EN
-
1
Device enable control. Low level input disables the reference output
and device enters shutdown mode. Device can be enabled by driving
voltage > 1.6V or leaving the EN pin floating.
GND
4
4
Ground
NC
7
No internal connection
NC
7
Leave floating or connect to GND
NR
-
5
Noise reduction pin
TEMP
3
3
Temperature monitoring pin. Provides a temperature-dependent
output voltage
TRIM/NR
5
-
Output adjustment or noise reduction pin
VIN
2
2
Input supply voltage
VOUT
6
6
Reference voltage output
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com