Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC00D Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AC00D
Description  SNx4AC00 Quadruple 2-Input Positive-NAND Gates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC00D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AC00D Datasheet HTML 2Page - Texas Instruments SN74AC00D Datasheet HTML 3Page - Texas Instruments SN74AC00D Datasheet HTML 4Page - Texas Instruments SN74AC00D Datasheet HTML 5Page - Texas Instruments SN74AC00D Datasheet HTML 6Page - Texas Instruments SN74AC00D Datasheet HTML 7Page - Texas Instruments SN74AC00D Datasheet HTML 8Page - Texas Instruments SN74AC00D Datasheet HTML 9Page - Texas Instruments SN74AC00D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
THERMAL METRIC(1)
SN74AC00
D
(SOIC)
DB
(SSOP)
N
(PDIP)
NS
(SOP)
PW
(TSSOP)
BQA
(WQFN)
UNIT
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJC(top)
Junction-to-case (top) thermal resistance
—
—
—
—
—
99.4
°C/W
RθJB
Junction-to-board thermal resistance
—
—
—
—
—
61.0
°C/W
ΨJT
Junction-to-top characterization parameter
—
—
—
—
—
14.5
°C/W
ΨJB
Junction-to-board characterization parameter
—
—
—
—
—
60.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
—
—
—
37.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
4.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AC00
SNx4AC00
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = −50 µA
3 V
2.9
2.9
2.9
V
4.5 V
4.4
4.4
4.4
5.5 V
5.4
5.4
5.4
IOH = −12 mA
3 V
2.56
2.4
2.46
IOH = −24 mA
4.5 V
3.86
3.7
3.76
5.5 V
4.86
4.7
4.76
IOH = −50 mA(1)
5.5 V
3.85
IOH = −75 mA(1)
5.5 V
3.85
VOL
IOL = 50 µA
3 V
0.002
0.1
0.1
0.1
V
4.5 V
0.001
0.1
0.1
0.1
5.5 V
0.001
0.1
0.1
0.1
IOL =12 mA
3 V
0.36
0.5
0.44
IOL = 24 mA
4.5 V
0.36
0.5
0.44
5.5 V
0.36
0.5
0.44
IOL = 50 mA(1)
5.5 V
1.65
IOL = 75 mA(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
2
40
20
µA
Ci
VI = VCC or GND
5 V
2.6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
4.5 Switching Characteristics: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
TA = 25°C
SN54AC00
SNx4AC00
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A or B
Y
2
7
9.5
1
11
2
10
ns
tPHL
1.5
5.5
8
1
9
1
8.5
SN54AC00, SN74AC00
SCAS524G – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AC00 SN74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com