Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AC00DR.A Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AC00DR.A
Description  SNx4AC00 Quadruple 2-Input Positive-NAND Gates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC00DR.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AC00DR.A Datasheet HTML 6Page - Texas Instruments SN74AC00DR.A Datasheet HTML 7Page - Texas Instruments SN74AC00DR.A Datasheet HTML 8Page - Texas Instruments SN74AC00DR.A Datasheet HTML 9Page - Texas Instruments SN74AC00DR.A Datasheet HTML 10Page - Texas Instruments SN74AC00DR.A Datasheet HTML 11Page - Texas Instruments SN74AC00DR.A Datasheet HTML 12Page - Texas Instruments SN74AC00DR.A Datasheet HTML 13Page - Texas Instruments SN74AC00DR.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, TI recommends a 0.1-μF capacitor and if there are multiple VCC terminals then TI recommends a 0.01-μF
or 0.022-μF capacitor for each power terminal. Multiple bypass capacitors can be paralleled to reject different
frequencies of noise. Frequencies of 0.1 μF and 1 μF are commonly used in parallel. The bypass capacitor
should be installed as close as possible to the power terminal for best results.
7.2 Layout
7.2.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only three of the four buffer gates are used. Such input pins
should not be left unconnected because the undefined voltages at the outside connections result in undefined
operational states. Specified below are the rules that must be observed under all circumstances. All unused
inputs of digital logic devices must be connected to a high or low bias to prevent them from floating. The logic
level that should be applied to any particular unused input depends on the function of the device. Generally they
will be tied to GND or VCC whichever make more sense or is more convenient. Floating outputs is generally
acceptable, unless the part is a transceiver. If the transceiver has an output enable pin it will disable the outputs
section of the part when asserted. This will not disable the input section of the I.O’s so they also cannot float
when disabled.
7.2.2 Layout Example
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2Y
GND
V
CC
4B
4A
3B
3A
3Y
GND
V
CC
4Y
1Y
0.1
F
Unused inputs
tied to VCC
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Figure 7-1. Layout Example for the SNx4AC00
SN54AC00, SN74AC00
SCAS524G – AUGUST 1995 – REVISED APRIL 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AC00 SN74AC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com