Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF5010ID Datasheet(PDF) 11 Page - Texas Instruments

Part # REF5010ID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5010ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5010ID Datasheet HTML 7Page - Texas Instruments REF5010ID Datasheet HTML 8Page - Texas Instruments REF5010ID Datasheet HTML 9Page - Texas Instruments REF5010ID Datasheet HTML 10Page - Texas Instruments REF5010ID Datasheet HTML 11Page - Texas Instruments REF5010ID Datasheet HTML 12Page - Texas Instruments REF5010ID Datasheet HTML 13Page - Texas Instruments REF5010ID Datasheet HTML 14Page - Texas Instruments REF5010ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
6.7 Typical Characteristics: REF50xxI, REF50xxAI
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is
2.7 V.
Drift(ppm/ C)
°
0°C to 85°C
Figure 6-1. Temperature Drift
Drift(ppm/ C)
°
–40°C to 125°C
Figure 6-2. Temperature Drift
OutputInitialAccuracy(%)
Figure 6-3. Output Voltage Initial Accuracy
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C001
Figure 6-4. Output Voltage Accuracy vs Temperature
10
Frequency(Hz)
160
140
120
100
80
60
40
20
0
100k
100
1k
10k
Figure 6-5. Power-Supply Rejection Ratio vs Frequency
-15
-10
-5
LoadCurrent(mA)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
15
0
5
10
+125 C
°
+25 C
°
-
°
40 C
Figure 6-6. Dropout Voltage vs Load Current
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com