Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS252PMLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS252PMLF
Description  FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS252PMLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS252PMLF Datasheet HTML 3Page - Integrated Device Technology ICS252PMLF Datasheet HTML 4Page - Integrated Device Technology ICS252PMLF Datasheet HTML 5Page - Integrated Device Technology ICS252PMLF Datasheet HTML 6Page - Integrated Device Technology ICS252PMLF Datasheet HTML 7Page - Integrated Device Technology ICS252PMLF Datasheet HTML 8Page - Integrated Device Technology ICS252PMLF Datasheet HTML 9Page - Integrated Device Technology ICS252PMLF Datasheet HTML 10Page - Integrated Device Technology ICS252PMLF Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ICS252
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER 10
ICS252
REV E 082007
Revision History
Rev.
Originator
Date
Description of Change
A
R.Willner
04/08/05
Preliminary release.
B
R.Willner
01/16/06
Corrected Block Diagram. Released from Prelim to Final.
C
R.Willner
06/13/06
Added "-XX" part ordering information and specific note pertaining to custom
configurations of device.
D
08/10/07
Removed “Inernal pull-up resistor” info from PDTS pin description and added extrenal
pull-up resistor statement/information.
E
08/20/07
Changed S1 pin name to “SEL”; removed references to PDTS pin; changed pull-up
resistor value from 190 to 120 kOhms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com