Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS308R Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS308R
Description  SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS308R Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS308R Datasheet HTML 1Page - Integrated Device Technology ICS308R Datasheet HTML 2Page - Integrated Device Technology ICS308R Datasheet HTML 3Page - Integrated Device Technology ICS308R Datasheet HTML 4Page - Integrated Device Technology ICS308R Datasheet HTML 5Page - Integrated Device Technology ICS308R Datasheet HTML 6Page - Integrated Device Technology ICS308R Datasheet HTML 7Page - Integrated Device Technology ICS308R Datasheet HTML 8Page - Integrated Device Technology ICS308R Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICS308
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
SER PROG CLOCK SYNTHESIZER
IDT™ / ICS™ SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER 5
ICS308
REV J 120507
VersaClock Software
IDT applies years of PLL optimization experience into a user friendly software that accepts the user’s target
reference clock and output frequencies and generates the lowest jitter, lowest power configuration, with
only a press of a button. The user does not need to have prior PLL experience or determine the optimal
VCO frequency to support multiple output frequencies.
VersaClock software quickly evaluates accessible VCO frequencies with available output divide values and
provides an easy to understand, bar code rating for the target output frequencies. The user may evaluate
output accuracy, performance trade-off scenarios in seconds.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS308. These ratings, which
are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Parameter
Item
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+ 0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+ 0.5
V
Storage Temperature
-65
150
° C
Soldering Temperature
Max 10 seconds
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (ICS308R)
0
+70
° C
Ambient Operating Temperature (ICS308RI)
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Power Supply Ramp Time
4
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com