Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT74DR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ACT74DR
Description  SNx4ACT74 Dual Positive-Edge-Triggered D-Type Flip-Flops
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT74DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT74DR Datasheet HTML 1Page - Texas Instruments SN74ACT74DR Datasheet HTML 2Page - Texas Instruments SN74ACT74DR Datasheet HTML 3Page - Texas Instruments SN74ACT74DR Datasheet HTML 4Page - Texas Instruments SN74ACT74DR Datasheet HTML 5Page - Texas Instruments SN74ACT74DR Datasheet HTML 6Page - Texas Instruments SN74ACT74DR Datasheet HTML 7Page - Texas Instruments SN74ACT74DR Datasheet HTML 8Page - Texas Instruments SN74ACT74DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3 Pin Configuration and Functions
1D
1CLK
1PRE
1Q
1Q
GND
2CLR
VCC
2D
2CLK
2PRE
2Q
2Q
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
SN54ACT74 J or W Package; SN74ACT74 D, DB, N,
NS, PW (Top View)
4
5
6
7
8
3
2
1
20 19
18
17
16
15
14
9
10 11 12 13
1CLK
NC
1PRE
NC
1Q
1D
NC VCC
1Q GND NC 2Q 2Q
2D
NC
2CLK
NC
2PRE
SN54ACT74 FK Package (Top View)
1D
1CLK
1PRE
1Q
1Q
GND
2CLR
2D
2CLK
2PRE
2Q
2Q
PAD
1CLR
VCC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-1. SN54ACT74 BQA Package (Top View)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
1 CLR
1
Input
Channel 1, Clear Input, Active Low
1D
2
Input
Channel 1, Data Input
1CLK
3
Input
Channel 1, Positive edge triggered clock input
1 PRE
4
Input
Channel 1, Preset Input, Active Low
1Q
5
Output
Channel 1, Output
1 Q
6
Output
Channel 1, Inverted Output
GND
7
—
Ground
2 Q
8
Output
Channel 2, Inverted Output
2Q
9
Output
Channel 2, Output
2 PRE
10
Input
Channel 2, Preset Input, Active Low
2CLK
11
Input
Channel 2, Positive edge triggered clock input
2D
12
Input
Channel 2, Data Input
2 CLR
13
Input
Channel 2, Clear Input, Active Low
VCC
14
—
Positive Supply
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output
www.ti.com
SN54ACT74, SN74ACT74
SCAS520J – AUGUST 1995 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54ACT74 SN74ACT74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com