Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS160U Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS160U
Description  60 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS160U Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS160U Datasheet HTML 5Page - STMicroelectronics STPS160U Datasheet HTML 6Page - STMicroelectronics STPS160U Datasheet HTML 7Page - STMicroelectronics STPS160U Datasheet HTML 8Page - STMicroelectronics STPS160U Datasheet HTML 9Page - STMicroelectronics STPS160U Datasheet HTML 10Page - STMicroelectronics STPS160U Datasheet HTML 11Page - STMicroelectronics STPS160U Datasheet HTML 12Page - STMicroelectronics STPS160U Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
Jul-2003
6A
Last update.
Aug-2004
7
SMA package dimensions update. Reference A1 max changed from 2.70 mm (0.106 inc.) to 2.03 mm
(0.080 inc).
16-Feb-2007
8
Reformatted to current standards. IF(RMS) removed from Table 2. Package dimensions and
footprints updated. Ecopack statement added.
18-Mar-2010
9
Updated package illustration on page 1.
08-Oct-2019
10
Added Section 2.2 SMA Flat Notch package information.
STPS160
DS0962 - Rev 10
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com