Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340U Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPS340U
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340U Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPS340U Datasheet HTML 9Page - STMicroelectronics STPS340U Datasheet HTML 10Page - STMicroelectronics STPS340U Datasheet HTML 11Page - STMicroelectronics STPS340U Datasheet HTML 12Page - STMicroelectronics STPS340U Datasheet HTML 13Page - STMicroelectronics STPS340U Datasheet HTML 14Page - STMicroelectronics STPS340U Datasheet HTML 15Page - STMicroelectronics STPS340U Datasheet HTML 16Page - STMicroelectronics STPS340U Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2.4
SMC package information
Epoxy meets UL94, V0
Figure 23. SMC package outline
A1
A2
b
L
E2
C
E
D
E1
Table 7. SMC package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.0748
0.0965
A2
0.05
0.20
0.0020
0.0079
b
2.90
3.20
0.1142
0.1260
c
0.15
0.40
0.0059
0.0157
D
5.55
6.25
0.2185
0.2461
E
7.75
8.15
0.3051
0.3209
E1
6.60
7.15
0.2598
0.2815
E2
4.40
4.70
0.1732
0.1850
L
0.75
1.50
0.0295
0.0591
STPS340
SMC package information
DS0792 - Rev 13
page 13/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com