Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340UF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPS340UF
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340UF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPS340UF Datasheet HTML 4Page - STMicroelectronics STPS340UF Datasheet HTML 5Page - STMicroelectronics STPS340UF Datasheet HTML 6Page - STMicroelectronics STPS340UF Datasheet HTML 7Page - STMicroelectronics STPS340UF Datasheet HTML 8Page - STMicroelectronics STPS340UF Datasheet HTML 9Page - STMicroelectronics STPS340UF Datasheet HTML 10Page - STMicroelectronics STPS340UF Datasheet HTML 11Page - STMicroelectronics STPS340UF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Table 4. SMA Flat Notch package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A1
0.90
1.10
0.035
0.044
A1
0.05
0.002
b
1.25
1.65
0.049
0.065
C
0.15
0.40
0.005
0.016
D
2.25
2.90
0.088
0.115
E
5.00
5.35
0.196
0.211
E1
3.95
4.60
0.155
0.182
G
2.00
0.079
G1
0.85
0.033
L
0.75
1.20
0.029
L1
0.45
0.018
L2
0.45
0.018
L3
0.05
0.002
V
8°
8°
V1
8°
8°
Figure 18. SMA Flat Notch recommended footprint in mm (inches)
3.12
(0.123)
5.52
(0.217)
1.20
1.52
(0.060)
1.20
)
47
0
.
0
(
)
.047
0
(
STPS340
SMA Flat Notch package information
DS0792 - Rev 13
page 8/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com