Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD20U50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD20U50
Description  50 V, 20 A field effect rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20U50 Datasheet(HTML) 3 Page - STMicroelectronics

  FERD20U50 Datasheet HTML 1Page - STMicroelectronics FERD20U50 Datasheet HTML 2Page - STMicroelectronics FERD20U50 Datasheet HTML 3Page - STMicroelectronics FERD20U50 Datasheet HTML 4Page - STMicroelectronics FERD20U50 Datasheet HTML 5Page - STMicroelectronics FERD20U50 Datasheet HTML 6Page - STMicroelectronics FERD20U50 Datasheet HTML 7Page - STMicroelectronics FERD20U50 Datasheet HTML 8Page - STMicroelectronics FERD20U50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (anode terminals short circuited)
PF(AV)(W)
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
16
18
20
22
24
26
IF(AV)(A)
tp
T
δ=tp/T
Figure 2. Average forward current versus ambient
temperature (δ = 0.5, anode terminals short circuited)
IF(AV) (A)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
Rth(j-a) = Rth(j-c)
Tamb(°C)
tp
T
δ=tp/T
Figure 3. Relative variation of thermal impedance junction
to case versus pulse duration
Z th(j -c) / Rth( j- c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
t p (s)
Single pulse
Figure 4. Reverse leakage current versus reverse voltage
applied (typical values)
IR( A )
m
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
V R(V)
Tj = 125 °C
Tj = 50 °C
Tj = 75 °C
Tj = 100 °C
Tj = 25 °C
Figure 5. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
100
1000
10000
100
F = 1 MHz
Vosc= 30 mVRMS
Tj = 25 °C
VR (V)
10
1
Figure 6. Forward voltage drop versus forward current
(typical values, anode terminals short circuited)
IF(A)
0.1
1.0
10.0
100.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
VF(V)
Tj = 25 °C
Tj = 125 °C
Tj = 75 °C
FERD20U50
Characteristics (curves)
DS10223 - Rev 5
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com