Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340B-TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPS340B-TR
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B-TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPS340B-TR Datasheet HTML 11Page - STMicroelectronics STPS340B-TR Datasheet HTML 12Page - STMicroelectronics STPS340B-TR Datasheet HTML 13Page - STMicroelectronics STPS340B-TR Datasheet HTML 14Page - STMicroelectronics STPS340B-TR Datasheet HTML 15Page - STMicroelectronics STPS340B-TR Datasheet HTML 16Page - STMicroelectronics STPS340B-TR Datasheet HTML 17Page - STMicroelectronics STPS340B-TR Datasheet HTML 18Page - STMicroelectronics STPS340B-TR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
Table 10. Document revision history
Date
Version
Changes
Jul-2003
7
Last update.
Feb-2005
8
Layout update. No content change.
08-Feb-2007
9
Reformatted to current standard. Added ECOPACK statement. Added SMBflat package.
10-Feb-2009
10
Updated ECOPACK statement. Corrected Y axis in Figure 10.
23-Apr-2015
11
Updated DPAK and reformatted to current standard.
22-Sep-2016
12
Updated DPAK package information and reformatted to current standard.
08-Oct-2019
13
Added Section 2.1 SMA Flat Notch package information.
STPS340
DS0792 - Rev 13
page 18/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com