Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD30M45D Datasheet(PDF) 1 Page - STMicroelectronics

Part # FERD30M45D
Description  Field-effect rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30M45D Datasheet(HTML) 1 Page - STMicroelectronics

  FERD30M45D Datasheet HTML 1Page - STMicroelectronics FERD30M45D Datasheet HTML 2Page - STMicroelectronics FERD30M45D Datasheet HTML 3Page - STMicroelectronics FERD30M45D Datasheet HTML 4Page - STMicroelectronics FERD30M45D Datasheet HTML 5Page - STMicroelectronics FERD30M45D Datasheet HTML 6Page - STMicroelectronics FERD30M45D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2016
DocID029291 Rev 2
1/7
This is information on a product in full production.
www.st.com
FERD30M45D
Field-effect rectifier
Datasheet - production data
Features
ST advanced rectifier process
Stable leakage current over reverse voltage
Reduced leakage current
Low forward voltage drop
High frequency operation
Description
This single field effect rectifier provides stable
leakage current over the full range of reverse
voltage and low forward voltage drop.
Packaged in TO-220AC, this device is intended
to be used in solar bypass junction boxes and in
switch mode power supplies.
Table 1: Device summary
Symbol
Value
IF(AV)
30 A
VRRM
45 V
VF (typ.)
0.44 V
Tj (max.)
175 °C (up to 200 °C forward mode)
A
K
A
K
K
TO-220AC


Similar Part No. - FERD30M45D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30M45C STMICROELECTRONICS-FERD30M45C Datasheet
96Kb / 8P
ST advanced rectifier
12-Nov-2012
FERD30M45C STMICROELECTRONICS-FERD30M45C Datasheet
152Kb / 10P
Field effect rectifier
11-Jul-2014
FERD30M45CG-TR STMICROELECTRONICS-FERD30M45CG-TR Datasheet
96Kb / 8P
ST advanced rectifier
12-Nov-2012
FERD30M45CG-TR STMICROELECTRONICS-FERD30M45CG-TR Datasheet
152Kb / 10P
Field effect rectifier
11-Jul-2014
FERD30M45CR STMICROELECTRONICS-FERD30M45CR Datasheet
152Kb / 10P
Field effect rectifier
11-Jul-2014
More results

Similar Description - FERD30M45D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
Field effect rectifier
09-Jan-2015
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
100 V field-effect rectifier diode
07-Apr-2016
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
100 V field-effect rectifier diode
08-Apr-2016
FERD15S50 STMICROELECTRONICS-FERD15S50 Datasheet
144Kb / 8P
Field effect rectifier
09-Oct-2013
FERD20M60 STMICROELECTRONICS-FERD20M60 Datasheet
156Kb / 8P
Field effect rectifier
17-Jun-2015
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
45 V field-effect rectifier diode
January 2018 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
100 V field-effect rectifier diode
14-Nov-2017
FERD20U60DJFD STMICROELECTRONICS-FERD20U60DJFD Datasheet
330Kb / 8P
Field effect rectifier
27-Sep-2017
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
60 V field-effect rectifier diode
01-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com