Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD30M45CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # FERD30M45CT
Description  Field effect rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30M45CT Datasheet(HTML) 2 Page - STMicroelectronics

  FERD30M45CT Datasheet HTML 1Page - STMicroelectronics FERD30M45CT Datasheet HTML 2Page - STMicroelectronics FERD30M45CT Datasheet HTML 3Page - STMicroelectronics FERD30M45CT Datasheet HTML 4Page - STMicroelectronics FERD30M45CT Datasheet HTML 5Page - STMicroelectronics FERD30M45CT Datasheet HTML 6Page - STMicroelectronics FERD30M45CT Datasheet HTML 7Page - STMicroelectronics FERD30M45CT Datasheet HTML 8Page - STMicroelectronics FERD30M45CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
FERD30M45C
2/10
DocID023771 Rev 3
1
Characteristics
When diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P(diode1) x Rth(j-c)(per diode) + P(diode2) x Rth(c)
Table 2. Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current,
δ = 0.5
Tc = 155 °C
Per diode
Per device
15
30
A
Tc = 155 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Tj
Maximum operating temperature on D²PAK
(DC forward current without reverse bias, t = 1 hour)(1)
200
°C
1.
condition to avoid thermal runaway for a diode on its own heatsink.
dP tot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
Table 3. Thermal resistance
Symbol
Parameter
Value (max)
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
1.05
Rth(c)
Coupling
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com