Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ISOSD61TR
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ISOSD61TR Datasheet HTML 5Page - STMicroelectronics ISOSD61TR Datasheet HTML 6Page - STMicroelectronics ISOSD61TR Datasheet HTML 7Page - STMicroelectronics ISOSD61TR Datasheet HTML 8Page - STMicroelectronics ISOSD61TR Datasheet HTML 9Page - STMicroelectronics ISOSD61TR Datasheet HTML 10Page - STMicroelectronics ISOSD61TR Datasheet HTML 11Page - STMicroelectronics ISOSD61TR Datasheet HTML 12Page - STMicroelectronics ISOSD61TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
4. |Vhys| defines the minimum voltage separation between the actual |Vi| rising and falling thresholds.
5. A pullup resistor is present between the minus LVDS input and V3.3, and a pulldown resistor is present between plus LVDS
input and GND in order to force a ‘0’ value if the LVDS input is floating.
Table 12. Single-ended input and output signaling specifications (ISOSD61)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input high voltage
VIH
2
V
VDD = 3.3 V
VDD x 0.7
V
VDD = 5 V
Input low voltage
VIL
0.8
V
VDD = 3.3 V
VDD x 0.3
V
VDD = 5 V
Input current
IIND
±0.5
µA
Input capacitance
CIND
6
pF
Output high voltage
VOH
VDD – 0.06
VDD – 0.04
V
VDD = 5 V,
IOUT = -0.2 mA
VDD – 0.05
VDD – 0.03
VDD = 3.3 V,
IOUT = -0.2 mA
Output low voltage
VOL
0.01
0.02
V
IOUT = 0.2 mA
Table 13. Package characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test conditions
IC junction-to-ambient thermal
resistance
θJA
80
°C/W
On a 2s2p JEDEC board in free air as per
JEDEC JESD51, TA = 25°C
ISOSD61
Device specifications
DS13605 - Rev 11
page 9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com