Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61L Datasheet(PDF) 10 Page - STMicroelectronics

Part # ISOSD61L
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ISOSD61L Datasheet HTML 6Page - STMicroelectronics ISOSD61L Datasheet HTML 7Page - STMicroelectronics ISOSD61L Datasheet HTML 8Page - STMicroelectronics ISOSD61L Datasheet HTML 9Page - STMicroelectronics ISOSD61L Datasheet HTML 10Page - STMicroelectronics ISOSD61L Datasheet HTML 11Page - STMicroelectronics ISOSD61L Datasheet HTML 12Page - STMicroelectronics ISOSD61L Datasheet HTML 13Page - STMicroelectronics ISOSD61L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
4
Terminology
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the
ADC.
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function.
Offset error
Offset error is the deviation of the center scale code from the ideal scale code corresponding to 0 V differential
input voltage.
Gain error
The gain is the derivative of the digital output code vs. the input signal. Graphically, for the output code vs. input
signal transfer function (an ideal straight line), the gain is the slope of such function. The gain error is the %
difference between the measured slope and the expected one.
Signal-to-Noise-and-Distortion Ratio (SINAD or SNDR)
SINAD is the measured ratio of signal to noise and distortion at the output of the ADC. The signal is the RMS
value of the sine wave, and noise is the RMS sum of all non-fundamental AC signals up to half the sampling
frequency (fS / 2), including harmonics.
Signal-to-Noise Ratio (SNR)
SNR is the measured ratio of signal to noise at the output of the ADC. The signal is the RMS amplitude of the
fundamental. Noise is the RSM sum of all non-fundamental AC signals up to half the sampling frequency (fS/2).
The ratio is dependent on the number of quantization levels in the conversion: the greater the number of levels,
the smaller the quantization noise. The theoretical signal-to-noise ratio for an ideal N-bit converter with a sine
wave input is given by
Signal-to-Noise Ratio = (6.02N + 1.76) [dB]
Therefore, for a 12-bit converter, the SNR is 74 dB.
Isolation transient immunity
The isolation transient immunity specifies the rise and fall speed of a transient pulse applied across the isolation
barrier, beyond which clock or data is corrupted.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of harmonics to the fundamental. The THD stated in this datasheet is defined as:
THD=20log V22+V32+V42+V52+V62
V1
where: V1 is the RMS amplitude of the fundamental. V2, V3, V4, V5, and V6 are the RMS amplitudes of the second
through the sixth harmonics. The result is in dB.
Spurious Free Dynamic Range (SFDR)
SFDR is defined as the ratio of the RMS value of the AC Noise Peak (up to fS / 2) to the RMS value of the
fundamental.
Effective Number of Bits (ENOB)
ENOB is defined by:
ENOB = (SINAD - 1.76) / 6.02 [bits]
Noise free code resolution
Noise free code resolution represents the resolution in bits for which there is no code flicker. The noise free code
resolution for an N-bit converter is defined as
Noisefreecoderesolution= log2 2 N 
Peak−to−Peak Noise bits
The peak-to-peak noise in LSBs is measured with VIN+ = VIN− = 0 V.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output with an input differential sine wave, PD, to the power
of an input peak-to-peak sine wave applied to the common-mode voltage of VIN+ and VIN−, PCM, as:
ISOSD61
Terminology
DS13605 - Rev 11
page 10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com