Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61LTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ISOSD61LTR
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61LTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ISOSD61LTR Datasheet HTML 8Page - STMicroelectronics ISOSD61LTR Datasheet HTML 9Page - STMicroelectronics ISOSD61LTR Datasheet HTML 10Page - STMicroelectronics ISOSD61LTR Datasheet HTML 11Page - STMicroelectronics ISOSD61LTR Datasheet HTML 12Page - STMicroelectronics ISOSD61LTR Datasheet HTML 13Page - STMicroelectronics ISOSD61LTR Datasheet HTML 14Page - STMicroelectronics ISOSD61LTR Datasheet HTML 15Page - STMicroelectronics ISOSD61LTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
5
Theory of operation
The differential analog input of the ISOSD61 implements a second-order modulator stage that digitizes the input
signal into a 1-bit output stream. The sample clock (MCLKIN) provided externally, is the clock signal for the
conversion process as well as the output data-framing clock. The analog input signal is continuously sampled by
the modulator and compared to an internal voltage reference. A digital stream that accurately represents the
analog input over time appears at the output of the converter.
Figure 5. Sigma-Delta data stream vs. differential input voltage ramp
SD output
Input
A differential signal of 0 V results (ideally) in a stream of alternating 1s and 0s at the MDAT output pin. This output
is high 50% of the time and low 50% of the time. Any differential input voltage produces a stream whose ratio
between 1s and the total number of pulses of the time is proportional to the ratio between the input voltage and
the full-scale differential range (+320 mV - -320 mV= 640 mV). The correspondent equation is:
nr of 1s
tot nr of pulses=0.5+Vin640
Where: Vin: input differential voltage [mV]; nr of 1s: count of 1 bit over a given time; tot nr of pulses: count of the
total 1 and 0 bits over the given time.
This means for a maximum positive differential input signal +320 mV there would be only 1s (signal stuck at 1)
and for a maximum negative of -320 mV only 0s (signal stuck at 0).
To decode the original information, the digital output stream must be digitally filtered and decimated. A
recommended filter is the SINC3 3rd order decimator. The SINC3 filter can be easily realized, for instance, with a
FPGA or an MCU like STM32.
5.1
Analog inputs
The analog front-end of the modulator implements a differential switched capacitor circuitry, whose purpose is to
sample and hold the analog signal every clock cycle. Like any A/D converter, to prevent the conversion of aliasing
signal, in accordance to the Nyquist-Shannon theorem, a low-pass filter should be added at the analog inputs. Its
cut- frequency should be below half the sampling frequency. The capacitors of this LP filter help to smooth the
undershoots and overshoots of the internal switching capacitors. Every switching has a charge current injected,
and the effective impedance of the analog inputs decreases with the clock frequency increasing. To avoid
undesired signal voltage drops, the LP filter resistors should have a value in the order of tenth of ohms.
5.2
Digital filtering
A typical filtering technique for sigma-delta modulators is the implementation af an SINC3 digital filter. The code
below is an example of a generic SINC3 filter written for GNU Octave that can be easily ported to other languages
or systems:
function [output, output_dec]=sinc3_generic(in)
%in is 1xsamples
%output is 1xsamples
ISOSD61
Theory of operation
DS13605 - Rev 11
page 12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com