Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ120 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 35Page - STMicroelectronics L99DZ120 Datasheet HTML 36Page - STMicroelectronics L99DZ120 Datasheet HTML 37Page - STMicroelectronics L99DZ120 Datasheet HTML 38Page - STMicroelectronics L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics L99DZ120 Datasheet HTML 41Page - STMicroelectronics L99DZ120 Datasheet HTML 42Page - STMicroelectronics L99DZ120 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 161 page
background image
DS11567 Rev 5
39/161
L99DZ120
Electrical specifications
160
Figure 11. Hard Short case, the OC threshold is reached before end of blanking time
Figure 12. Overload case, the OC threshold is reached after end of blanking time
3.4.13
Current monitoring
The voltages are referred to power ground and currents are assumed positive, when the
current flows into the pin. 6 V ≤ VS ≤ 28 V; 6 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless
otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com