Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ300G Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99DZ300G
Description  Automotive front door device with CAN FD and LIN
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ300G Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99DZ300G Datasheet HTML 49Page - STMicroelectronics L99DZ300G Datasheet HTML 50Page - STMicroelectronics L99DZ300G Datasheet HTML 51Page - STMicroelectronics L99DZ300G Datasheet HTML 52Page - STMicroelectronics L99DZ300G Datasheet HTML 53Page - STMicroelectronics L99DZ300G Datasheet HTML 54Page - STMicroelectronics L99DZ300G Datasheet HTML 55Page - STMicroelectronics L99DZ300G Datasheet HTML 56Page - STMicroelectronics L99DZ300G Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 157 page
background image
3.4
Wake-up from standby modes
A wake-up from standby mode switches the device to active mode. This can be initiated by one or more of the
following events:
Table 54. Wake-up sources
Wake-up source
Description
LIN bus activity
Can be disabled by SPI
CAN bus activity
Can be disabled by SPI
Level change of EI
Can be configured or disabled by SPI
IV1 > Icmp
Device remains in V1_Standby mode but watchdog is enabled (if ICMP = 0).
No interrupt is generated.
Timer interrupt /
Wake-up of microcontroller by
TIMER
Programmable by SPI:
- V1_Standby mode:
device wakes up and interrupt signal is generated at RXDL/NINT when programmable
time-out has elapsed
- VBAT_Standby mode: device wakes up after programmable timer expiration. V1
regulator is turned on and NReset signal is generated when programmable time-out has
elapsed
SPI access
Always active (except in VBAT_Standby mode)
Wake-up event: CSN falling edge
To prevent the system from a deadlock condition (no wake-up from standby possible) a configuration where the
wake-up by LIN and CAN are both disabled, is not allowed. All wake-up sources are configured to default values
in case of such invalid setting. The SPI error bit (SPIE) in the global status register is set.
3.4.1
External interrupts
The EI1 and EI2 inputs can be configured as wake-up sources. Each external interrupt input is sensitive to any
level transition (positive and negative edge) and can be configured for static or cyclic monitoring of the input
voltage level by the suitable setting of the CR18 [8, 9, 14 and 15] bits (EIx_FILT_0 and EIx_FILT_1, with x = 1, 2)
which allows to choose the monitoring among static, cyclic with timer1 or cyclic with timer2. When the
configuration of a timer is changed, the timer is automatically restarted using the new configuration.
For static contact monitoring, a filter time of twu_stat is implemented. The filter is started when the input voltage
passes the specified threshold Vwu_th. External interrupt status bit is set only if this threshold is passed for more
than twu_stat (SR4 bit 21 for EI2_STATE, SR4 bit 18 for EI1_STATE).
Cyclic contact monitoring allows instead the periodical (not threshold dependent) activation of the external
interrupt input to read the status of the external contact. The periodical activations are driven by timer1 or timer2
whose settings (on time and period) can be configured through CR17 (8...13) and (16...21) bits. The input signal
is filtered with a filter time of tWU_cyc after a delay (80% of the configured timer on time). An external interrupt is
processed if the status has changed versus the previous cycle, therefore the external interrupt status bit (SR4) is
set only if the status during the consecutive on time is different, after configuring the delay and tWU_cyc.
The buffered output HS0 can be used to supply the external contacts with the timer setting according to the cyclic
monitoring of the external interrupt input.
L99DZ300G
Functional description
DS13902 - Rev 11
page 53/157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com