Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M60CG-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPS40M60CG-TR
Description  High efficiency 60 V power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M60CG-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPS40M60CG-TR Datasheet HTML 2Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 3Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 4Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 5Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 6Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 7Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 8Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 9Page - STMicroelectronics STPS40M60CG-TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STPS40M60C
Ordering information
Doc ID 018813 Rev 1
9/10
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS40M60CT
STPS40M60CT
TO-220AB
2.2 g
50
Tube
STPS40M60CR
STPS40M60CR
I2PAK
1.6 g
50
Tube
STPS40M60CG-TR
STPS40M60CG
D2PAK
1.5 g
1000
Tape and reel
Table 9.
Revision history
Date
Revision
Changes
11-May-2011
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com