Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2S6XTGAW Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CS2S6XTGAW
Description  OUTLETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CS2S6XTGAW Datasheet(HTML) 1 Page - PANDUIT CORP.

  CS2S6XTGAW Datasheet HTML 1Page - PANDUIT CORP. CS2S6XTGAW Datasheet HTML 2Page - PANDUIT CORP. CS2S6XTGAW Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT CHANGE NOTIFICATION
Product Category
OUTLETS
20220131-1
Product Group
ROAR
ISSUE DATE:
31-Jan-22
IMPACTED REGIONS:
REASON FOR CHANGE:
DESCRIPTION OF CHANGE: (Required)
Label covers included in select product will change to a matte finish and will replace the glossy finish.
Changes will begin at the end of February, during the transition period there is the possibility of receiving some parts with matte covers and
some with glossy covers. The matte label cover is not noticeable after installation. A list of affected part numbers is included.
Photos/Drawing (where applicable)
IMPACTED PART NUMBERS AND REPLACEMENT PART NUMBERS: (where applicable)
Reference Page 2 / Linked PDF
DATES: DISCONTINUATION AND NEW PRODUCT AVAILABILITY:
SCHEDULE FOR CHANGE
Year
(YYYY)
Month
(MM)
Day
(DD)
New product sample availability date
2022
2
28
Old product discontinuation date*
CUSTOMER SERVICE CONTACTS
ASIA PACIFIC
AUSTRALIA: 1-800 7263848
CHINA: 400-820-1900
HONG KONG: 800-965768
AUS-CSVM@panduit.com
CHN-CustomerService@panduit.com
CHN-CustomerService@panduit.com
INDIA: 000 800 6501844 (Fixed)
000 800 6500369 (Mobile)
INDONESIA: 001 803 65 7571
JAPAN: +81-3-6863-6000
SGP-Customer_Service@panduit.com
SGP-Customer_Service@panduit.com
JPN-CS@panduit.com
KOREA: 02-2182-7300
MALAYSIA 1800 801435
SINGAPORE: 1-800-7263848
KOR-
CustomerService@panduit.com
SGP-
Customer_Service@panduit.com
SGP-Customer_Service@panduit.com
TAIWAN: 0080 165 1487
THAILAND: 001-800-65-6385
SGP-Customer_Service@panduit.com
SGP-Customer_Service@panduit.com
LATIN AMERICA
BRAZIL 08000562613 (Toll Free)
MEXICO: +52-33-37776000 x80520
01 800 360 86 00 (Toll Free)
OTHER LA COUNTRIES:
Phone USA 1-708-532-1800
BRA-custservice@panduit.com
MEX-customerservice@panduit.com
TP-CS-INTERNATIONAL@panduit.com
NORTH AMERICA
USA & CANADA: 1-800-777-3300
EMEA
EMEA: +44 208 6017219
cs@panduit.com
EMEA-CustomerServices@panduit.com
To add a contact or to unsubscribe, please send an email to:
PCN@panduit.com
IMPACTED PART NUMBER(s)
CHES2AWY
CHES3AWY
CHLKCLS2SEW
CFPDS2SEWY
NKUKS2AW
NKUKS4AW-2G
NKUKS2SAW
NKUKS4SAW-2G
CFPFLS1SAW
CFPFLS2SAW
CS2P6TGAWY
CS2S6TGAWY
CS3P6TGAWY


Similar Part No. - CS2S6XTGAW

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CS2 COOPER-CS2 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
fujitsu semiconductor
CS2 FUJITSU-CS2 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
IXYS Corporation
CS20 IXYS-CS20 Datasheet
254Kb / 3P
Phase Control Thyristor
logo
List of Unclassifed Man...
CS20 ETC2-CS20 Datasheet
811Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS20 CITIZEN-CS20 Datasheet
4Mb / 1P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS2S6XTGAW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2946ALM ETC2-K2946ALM Datasheet
273Kb / 3P
Metalclad Plus??Socket Outlets
L630FI ETC2-L630FI Datasheet
156Kb / 3P
Turnlok Locking Devices Flanged Inlets Outlets
PV1000HF ETC2-PV1000HF Datasheet
532Kb / 4P
PowerVerter짰 1000W Compact Inverter with 4 Outlets
PV1800HF ETC2-PV1800HF Datasheet
519Kb / 4P
PowerVerter짰 1800W Compact Inverter with 4 Outlets
logo
Shenzhen Huazhimei Semi...
HM6600 HMSEMI-HM6600 Datasheet
377Kb / 7P
Wall-Adapter/Power Plugs, Outlets
logo
Schneider Electric
PH8 SCHNEIDER-PH8 Datasheet
62Kb / 2P
APC Home Office SurgeArrest 8 Outlets, 120V
Apr 8, 2020
BE425M SCHNEIDER-BE425M Datasheet
76Kb / 2P
APC Back-UPS, 6 Outlets, 425VA, 120V
logo
TP-Link Technologies Co...
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
logo
Schurter Inc.
BC320 SCHURTER-BC320 Datasheet
118Kb / 1P
Blind cover for appliance outlets
BC320 SCHURTER-BC320_V01 Datasheet
118Kb / 1P
Blind cover for appliance outlets
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com