Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC02A Datasheet(PDF) 18 Page - Texas Instruments

Part # SN54LVC02A
Description  SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LVC02A Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN54LVC02A Datasheet HTML 14Page - Texas Instruments SN54LVC02A Datasheet HTML 15Page - Texas Instruments SN54LVC02A Datasheet HTML 16Page - Texas Instruments SN54LVC02A Datasheet HTML 17Page - Texas Instruments SN54LVC02A Datasheet HTML 18Page - Texas Instruments SN54LVC02A Datasheet HTML 19Page - Texas Instruments SN54LVC02A Datasheet HTML 20Page - Texas Instruments SN54LVC02A Datasheet HTML 21Page - Texas Instruments SN54LVC02A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Oct-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9760401Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9760401QDA
W
CFP
14
25
506.98
26.16
6220
NA
SN74LVC02AD
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC02AD.B
D
SOIC
14
50
506.6
8
3940
4.32
SN74LVC02APW
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC02APW.B
PW
TSSOP
14
90
530
10.2
3600
3.5
SN74LVC02APWE4
PW
TSSOP
14
90
530
10.2
3600
3.5
SNJ54LVC02AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LVC02AW
W
CFP
14
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com