Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC393DBR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC393DBR
Description  SNx4HC393 Dual 4-Bit Binary Counters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC393DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC393DBR Datasheet HTML 3Page - Texas Instruments SN74HC393DBR Datasheet HTML 4Page - Texas Instruments SN74HC393DBR Datasheet HTML 5Page - Texas Instruments SN74HC393DBR Datasheet HTML 6Page - Texas Instruments SN74HC393DBR Datasheet HTML 7Page - Texas Instruments SN74HC393DBR Datasheet HTML 8Page - Texas Instruments SN74HC393DBR Datasheet HTML 9Page - Texas Instruments SN74HC393DBR Datasheet HTML 10Page - Texas Instruments SN74HC393DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5 Parameter Measurement Information
A.
CL includes probe and test-fixture capacitance.
B.
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C.
For clock inputs, fmax is measured when the input duty cycle is 50%.
D.
The outputs are measured one at a time with one input transition per measurement.
E.
tPLH and tPHL are the same as tpd.
Figure 5-1. Load Circuit and Voltage Waveforms
www.ti.com
SN54HC393, SN74HC393
SCLS143E – DECEMBER 1982 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54HC393 SN74HC393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com