Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVTH574 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN54LVTH574
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LVTH574 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54LVTH574 Datasheet HTML 9Page - Texas Instruments SN54LVTH574 Datasheet HTML 10Page - Texas Instruments SN54LVTH574 Datasheet HTML 11Page - Texas Instruments SN54LVTH574 Datasheet HTML 12Page - Texas Instruments SN54LVTH574 Datasheet HTML 13Page - Texas Instruments SN54LVTH574 Datasheet HTML 14Page - Texas Instruments SN54LVTH574 Datasheet HTML 15Page - Texas Instruments SN54LVTH574 Datasheet HTML 16Page - Texas Instruments SN54LVTH574 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9583201Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9583201VSA
W
CFP
20
25
506.98
26.16
6220
NA
SN74LVTH574DB
DB
SSOP
20
70
530
10.5
4000
4.1
SN74LVTH574DB.B
DB
SSOP
20
70
530
10.5
4000
4.1
SN74LVTH574DW
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LVTH574DW.B
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LVTH574PW
PW
TSSOP
20
70
530
10.2
3600
3.5
SN74LVTH574PW.B
PW
TSSOP
20
70
530
10.2
3600
3.5
SNJ54LVTH574FK
FK
LCCC
20
55
506.98
12.06
2030
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com