Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVTH574DWR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVTH574DWR
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVTH574DWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVTH574DWR Datasheet HTML 4Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 5Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 6Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 7Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 8Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 9Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 10Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 11Page - Texas Instruments SN74LVTH574DWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-9583201Q2A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9583201Q2A
SNJ54LVTH
574FK
5962-9583201QSA
Active
Production
CFP (W) | 20
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9583201QS
A
SNJ54LVTH574W
5962-9583201VSA
Active
Production
CFP (W) | 20
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9583201VS
A
SNV54LVTH574W
SN74LVTH574DB
Active
Production
SSOP (DB) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574DB.B
Active
Production
SSOP (DB) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574DBR
Active
Production
SSOP (DB) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574DBR.B
Active
Production
SSOP (DB) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574DW
Active
Production
SOIC (DW) | 20
25 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LVTH574
SN74LVTH574DW.B
Active
Production
SOIC (DW) | 20
25 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LVTH574
SN74LVTH574DWR
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LVTH574
SN74LVTH574DWR.B
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LVTH574
SN74LVTH574NSR
Active
Production
SOP (NS) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LVTH574
SN74LVTH574NSR.B
Active
Production
SOP (NS) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LVTH574
SN74LVTH574PW
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574PW.B
Active
Production
TSSOP (PW) | 20
70 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574PWR
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574PWR.B
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574PWR1G4
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574PWR1G4.B
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
LXH574
SN74LVTH574RGYR
Active
Production
VQFN (RGY) | 20
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
LXH574
SN74LVTH574RGYR.B
Active
Production
VQFN (RGY) | 20
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
LXH574
SNJ54LVTH574FK
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9583201Q2A
SNJ54LVTH
574FK
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com