Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVTH574DBR Datasheet(PDF) 19 Page - Texas Instruments

Part # SN74LVTH574DBR
Description  3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVTH574DBR Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN74LVTH574DBR Datasheet HTML 15Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 16Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 17Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 18Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 19Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 20Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 21Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 22Page - Texas Instruments SN74LVTH574DBR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.ti.com
PACKAGE OUTLINE
C
20X
0.30
0.18
2.05 0.1
20X
0.5
0.3
1.0
0.8
(0.2) TYP
0.05
0.00
14X 0.5
2X
3.5
2X 1.5
3.05 0.1
A
3.65
3.35
B
4.65
4.35
VQFN - 1 mm max height
RGY0020A
PLASTIC QUAD FLATPACK - NO LEAD
4225320/A 09/2019
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
9
12
10
11
20
19
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
21
SYMM
SYMM
2
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com