Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2045C
Description  Power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2045C Datasheet HTML 1Page - STMicroelectronics STPS2045C Datasheet HTML 2Page - STMicroelectronics STPS2045C Datasheet HTML 3Page - STMicroelectronics STPS2045C Datasheet HTML 4Page - STMicroelectronics STPS2045C Datasheet HTML 5Page - STMicroelectronics STPS2045C Datasheet HTML 6Page - STMicroelectronics STPS2045C Datasheet HTML 7Page - STMicroelectronics STPS2045C Datasheet HTML 8Page - STMicroelectronics STPS2045C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Characteristics
STPS2045C
2/15
DocID3506 Rev 10
1
Characteristics
Table 2: Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward
current
δ = 0.5, square wave
TO-220AB /
D²PAK
TC = 155 °C
Per diode
10
A
Per device
20
TO-220FPAB
TC = 140 °C
Per diode
10
TC = 125 °C
Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms
sinusoidal
180
A
PARM(1)
Repetitive peak avalanche power
tp = 10 µs,
Tj = 125 °C
280
W
VARM(2)
Maximum repetitive peak avalanche voltage
tp < 10 µs,
Tj < 125 °C,
IAR < 7.7 A
60
V
VASM(2)
Maximum single-pulse peak avalanche voltage
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (3)
175
Notes:
(1)For pulse time duration deratings, please refer to Figure 3. More details regarding the avalanche energy
measurements and diode validation in the avalanche are provided in the STMicroelectronics Application notes
AN1768, “Admissible avalanche power of Schottky diodes” and AN2025, “Converter improvement using Schottky
rectifier avalanche specification”.
(2)See Figure 9.
(3)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
TO-220AB / D²PAK
Per diode
2.2
°C/W
Total
1.4
TO-220FPAB
Per diode
4.5
Total
3.5
Rth(c)
Coupling
TO-220AB / D²PAK
0.4
TO-220FPAB
2.5
When the diodes 1 and 2 are used simultaneously:
ΔTj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com