Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2150 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2150
Description  150 V, 2 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2150 Datasheet HTML 1Page - STMicroelectronics STPS2150 Datasheet HTML 2Page - STMicroelectronics STPS2150 Datasheet HTML 3Page - STMicroelectronics STPS2150 Datasheet HTML 4Page - STMicroelectronics STPS2150 Datasheet HTML 5Page - STMicroelectronics STPS2150 Datasheet HTML 6Page - STMicroelectronics STPS2150 Datasheet HTML 7Page - STMicroelectronics STPS2150 Datasheet HTML 8Page - STMicroelectronics STPS2150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current δ =
0.5, square wave
SMA
TL = 145 °C
2
A
SMA Flat Notch TL = 145 °C
DO-15
TL = 130 °C
IFSM
Surge non repetitive forward
current
SMA
tp = 10 ms sinusoidal
75
A
SMA Flat Notch
70
DO-15
150
PARM
Repetitive peak avalanche
power
tp = 10 µs, Tj= 125 °C
170
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature (1)
+ 175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Value
Unit
Rth(j-L)
Junction to lead
SMA
20
°C/W
SMA Flat Notch
20
Junction to lead
Lead length = 10 mm
DO-15
30
For more information, please refer to the following application note :
AN5088 : Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage
current
Tj = 25 °C
VR = VRRM
-
0.5
1.5
µA
Tj = 125 °C
-
0.5
1.5
mA
VF(2)
Forward voltage
drop
Tj = 25 °C
IF = 2 A
-
0.78
0.82
V
Tj = 125 °C
-
0.62
0.67
Tj = 25 °C
IF = 4 A
-
0.86
0.89
Tj = 125 °C
-
0.70
0.75
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation: P = 0.59 x IF(AV) + 0.04 IF2(RMS)
STPS2150
Characteristics
DS3282 - Rev 8
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com