Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045CFP Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPS2045CFP
Description  Power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045CFP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPS2045CFP Datasheet HTML 7Page - STMicroelectronics STPS2045CFP Datasheet HTML 8Page - STMicroelectronics STPS2045CFP Datasheet HTML 9Page - STMicroelectronics STPS2045CFP Datasheet HTML 10Page - STMicroelectronics STPS2045CFP Datasheet HTML 11Page - STMicroelectronics STPS2045CFP Datasheet HTML 12Page - STMicroelectronics STPS2045CFP Datasheet HTML 13Page - STMicroelectronics STPS2045CFP Datasheet HTML 14Page - STMicroelectronics STPS2045CFP Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
STPS2045C
14/15
DocID3506 Rev 10
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS2045CT
STPS2045CT
TO-220AB
1.95 g
50
Tube
STPS2045CFP
STPS2045CFP
TO-220FPAB
1.9 g
50
Tube
STPS2045CG-TR
STPS2045CG
D²PAK
1.38 g
1000
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
05-Oct-2004
4F
Last update.
01-Dec-2004
5
Figure 16 (I²PAK Package Mechanical Data): references b1 and
b2 changed from 1.17mm to 1.70mm.
05-Feb-2010
6
Updated Table 2 (removed voltage). Updated ECOPACK
statement. Updated Table 6.: TO-220AB package mechanical
data.
05-Mar-2013
7
Updated Table 3
21-Oct-2014
8
Updated Features, Table 2, Figure 3 and D²PAK package
information. Added Figure 9. Removed fig 4,5 and 6 of version 7.
17-Aug-2015
9
Corrected XML fragment and reformatted to current standard.
14-Oct-2016
10
Remove of I²PAK package.
Updated cover page, Section 3.1: "Characteristics (curves)",
Section 3: "Characteristics", Section 4.4: "D²PAK package
information" and Table 8: "Ordering information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com