Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2150AFN Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2150AFN
Description  150 V, 2 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2150AFN Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2150AFN Datasheet HTML 1Page - STMicroelectronics STPS2150AFN Datasheet HTML 2Page - STMicroelectronics STPS2150AFN Datasheet HTML 3Page - STMicroelectronics STPS2150AFN Datasheet HTML 4Page - STMicroelectronics STPS2150AFN Datasheet HTML 5Page - STMicroelectronics STPS2150AFN Datasheet HTML 6Page - STMicroelectronics STPS2150AFN Datasheet HTML 7Page - STMicroelectronics STPS2150AFN Datasheet HTML 8Page - STMicroelectronics STPS2150AFN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Negligible switching losses
Low forward voltage drop for higher efficiency and extended battery life
Low thermal resistance
Surface mount miniature package
Avalanche capability specified
ECOPACK2 compliant
Applications
Switching diode
SMPS
DC/DC converter
Telecom power
Description
This 150 V power Schottky rectifier is ideal for switch mode power supplies on up to
24 V rails and high frequency converters.
Packaged in SMA, SMA Flat Notch and axial, the STPS2150 is optimized for use in
consumer and computer applications where low drop forward voltage is required to
reduce power dissipation.
Product status link
STPS2150
Product status link
Symbol
Values
IF(AV)
2 A
VRRM
150 V
Tj (max.)
175 °C
VF(typ.)
0.62 V
150 V, 2 A power Schottky rectifier
STPS2150
Datasheet
DS3282 - Rev 8 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2150AFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2150A STMICROELECTRONICS-STPS2150A Datasheet
68Kb / 6P
POWER SCHOTTKY RECTIFIER
REV. 4
STPS2150A STMICROELECTRONICS-STPS2150A Datasheet
103Kb / 7P
Power Schottky rectifier
31-May-2006
More results

Similar Description - STPS2150AFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS3150 STMICROELECTRONICS-STPS3150_V01 Datasheet
392Kb / 16P
150 V, 3 A power Schottky rectifier
October 2019
STPS2170 STMICROELECTRONICS-STPS2170_V01 Datasheet
353Kb / 12P
170 V, 2 A power Schottky rectifier
October 2019
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS40150C-Y STMICROELECTRONICS-STPS40150C-Y Datasheet
233Kb / 9P
Automotive 150 V, 2 x 20 A high voltage power Schottky rectifier
December 2018 Rev 3
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com