Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045DJF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3045DJF
Description  45 V, 30 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045DJF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3045DJF_V01 Datasheet HTML 1Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 2Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 3Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 4Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 5Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 6Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 7Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 8Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
I (mA)
R
T = 25 °C
j
T = 50 °C
j
T = 75 °C
j
T = 125 °C
j
T = 150 °C
j
T = 100 °C
j
V (V)
R
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
100
1000
10000
1
1 0
100
C(pF)
V (V)
R
F = 1 MHz
V
= 30 mV
T = 25 °C
osc
RMS
j
Figure 7. Forward voltage drop versus forward current
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
T = 125 °C
(Maxim um v alues)
j
T = 25 °C
(Maxim um v alues)
j
V (V)
F
T = 125 °C
(Typical v alues)
j
I (A)
F
Figure 8. Thermal resistance junction to ambient versus
copper surface under tab
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
SCu(cm²)
Rth(j-a) (°C/W)
PowerFlat™_5X6
epoxy printed board FR4, eCu = 35 µm
STPS3045DJF
Characteristics (curves)
DS6592 - Rev 5
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com