Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8534AY-01LF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8534AY-01LF
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8534AY-01LF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8534AY-01LF Datasheet HTML 2Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 3Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 4Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 5Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 6Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 7Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 8Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 9Page - Integrated Device Technology ICS8534AY-01LF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICS8534-01
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
6
ICS8534AY-01 REV. A DECEMBER 6, 2007
AC Electrical Characteristics
Table 5. VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 85°C
All parameters measured at fMAX unless noted otherwise.
Special thermal considerations may be required. See Applications Section.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65. Measured at the output differential cross points.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions at
the same temperature. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 5: Driving only one input clock.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
500
MHz
tPD
Propagation Delay; NOTE 1
ƒ
≤ 500MHz
2.0
3.0
ns
tsk(o)
Output Skew; NOTE 2, 3
100
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
700
ps
tjit
Buffer Additive Phase Jitter, RMS,
refer to Additive Phase Jitter
section; NOTE 5
Integration Range: 12kHz - 20MHz
0.4
ps
tR / tF
Output Rise/ Fall Time
20% to 80%
200
700
ps
tS
Setup Time
1
ns
tH
Hold Time
0.5
ns
odc
Output Duty Cycle
ƒ
≤ 266MHz
48
52
%
266 < ƒ
≤ 500MHz
46
54
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com