Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79310 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79310
Description  Handles curved
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79310 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79310 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
curved
Handles
Pull Handles
Order No.
Type
l
1
l
2
h
79310.W0500
One
500
600
90
79310.W0600
One
600
700
100
79310
0333 207 4497
sales@wixroyd.com
1
Material
Connecting tube: stainless steel fine
ground, material 1.4301. Tube Ø30 x
1.5mm, end caps material no 1.4305,
stainless steel, fine ground.
Tube holders: aluminium, AlMgSi 0.5
powder coated with fine structure.
Technical Notes
Bent tube handle in modern industrial
design. Minimum stress resistance >
1000N.


Similar Part No. - 79310

ManufacturerPart #DatasheetDescription
logo
Heyco.
7931 HEYCO-7931 Datasheet
106Kb / 1P
Heyco® Quick Connect Terminals
logo
KATHREIN Solutions GmbH
793192 KATHREIN-793192 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
793194 KATHREIN-793194 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
793196 KATHREIN-793196 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
logo
Belden Inc.
7931A BELDEN-7931A Datasheet
276Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #23 Sol BC, FEP Ins, FEP Jkt, CMP CMP-LC
More results

Similar Description - 79310

ManufacturerPart #DatasheetDescription
logo
ETRI
564DH4LM19000 ETRI-564DH4LM19000 Datasheet
109Kb / 1P
DC Backward Curved Fans
565DH4LM19000 ETRI-565DH4LM19000 Datasheet
110Kb / 1P
DC Backward Curved Fans
566DH4LM19000 ETRI-566DH4LM19000 Datasheet
109Kb / 1P
DC Backward Curved Fans
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
R1G175-AB63 ETC2-R1G175-AB63 Datasheet
317Kb / 1P
175mm Backward Curved
logo
Texas Instruments
TP3094 TI1-TP3094_12 Datasheet
131Kb / 20P
Handles four voice channels
logo
ebm-papst
R3G310-RB01-03 EBMPAPST-R3G310-RB01-03 Datasheet
965Kb / 5P
backward curved, single inlet
R3G310-RR05-H1 EBMPAPST-R3G310-RR05-H1 Datasheet
1Mb / 5P
backward curved, single inlet
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com