Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG1201H Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9FG1201H
Description  Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG1201H Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9FG1201H Datasheet HTML 9Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 10Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 11Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 12Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 13Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 14Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 15Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 16Page - Integrated Device Technology ICS9FG1201H Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
ICS9FG1201H 10/22/07
ICS9FG1201H
Frequency Generator for CPU, PCIe Gen1* & Fully Buffered DIMM Clocks
13
SMBusTable: Reserved Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
SMBusTable: Test Byte Register
Test
TypePWD
Bit 7
RW
0
Bit 6
RW
0
Bit 5
RW
0
Bit 4
RW
0
Bit 3
RW
0
Bit 2
RW
0
Bit 1
RW
0
Bit 0
RW
0
Note: Do NOT write to Bit 21. Erratic device operation will result!
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
`
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
Byte 21
Test Function
RESERVED
RESERVED
Test Result
RESERVED
RESERVED
RESERVED
RESERVED
Byte 20
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com