Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9214 Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # ICS9214
Description  RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

ICS9214 Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button ICS9214 Datasheet HTML 3Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 4Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 5Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 6Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 7Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 8Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 9Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 10Page - Integrated Circuit Solution Inc ICS9214 Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS9214
0809F—11/05/07
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
DC Characteristics - Inputs
TA = 0°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 0.125V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD2.5, AVDD
2.375
2.625
V
Supply Current
IDD2.5, IVDD
125
mA
High-level input
voltage
VIHCLK
0.6
0.95
V
Low-level input
voltage
VILCLK
-0.15
0.15
V
Crossing point
voltage
VIXCLK
0.2
0.55
V
Difference in
crossing point
voltage
VIXCLK
0.15
V
Input threshold
voltage
VTH
0.35
0.5VDD2.5
V
High-level input
voltage for single-
ended CLK_IN
VIHSE
VTH + 0.3
2.625
V
Low-level input
voltage for single-
ended CLK_IN
VILSE
-0.15
VTH - 0.3
V
High-level input
voltage
VIH
1.4
2.625
V
Low-level input
voltage
VIL
-0.15
0.8
V
High-level input
voltage - SMBus
VIHSMB
1.4
3.4652
V
Low-level input
voltage - SMBus
VILSMB
-0.15
0.8
V
CLK_INT, CLK_INC
Singled-ended
CLK_IN
1
OE, SMB_A0,
SMB_A1,
BYPASS#/PLL
SMBCLK,
SMBDAT
Notes:
1 When using singled-ended clock input, VTH is supplied to CLK_INTC as shown in Figure 2.
Duty cycle of singled-ended CLK_IN is measured at VTH
2 This range of SMBus input high voltages allows the 9214 to co-exist with 3.3V, 2.5V and 1.8V
devices on the same SMBus.
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com